PART |
Description |
Maker |
VCC1-A3O-34M368 VCC1-A3O-34M816 VCC1-A3O-34M56 VCC |
VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT VCXO, CLOCK, 34.816 MHz, CMOS OUTPUT VCXO, CLOCK, 34.56 MHz, CMOS OUTPUT VCXO, CLOCK, 70.626 MHz, CMOS OUTPUT VCXO, CLOCK, 69.632 MHz, CMOS OUTPUT VCXO, CLOCK, 34.45 MHz, CMOS OUTPUT VCXO, CLOCK, 70 MHz, CMOS OUTPUT VCXO, CLOCK, 97.776 MHz, CMOS OUTPUT VCXO, CLOCK, 53.33 MHz, CMOS OUTPUT VCXO, CLOCK, 19.53 MHz, CMOS OUTPUT VCXO, CLOCK, 53.125 MHz, CMOS OUTPUT VCXO, CLOCK, 89.97804 MHz, CMOS OUTPUT VCXO, CLOCK, 89.472 MHz, CMOS OUTPUT VCXO, CLOCK, 89.512 MHz, CMOS OUTPUT VCXO, CLOCK, 48.33008 VCXO, CLOCK, 8.192 MHz, CMOS OUTPUT VCXO, CLOCK, 14.4 MHz, CMOS OUTPUT VCXO, CLOCK, 125.01 MHz, CMOS OUTPUT VCXO, CLOCK, 106.25 MHz, CMOS OUTPUT VCXO, CLOCK, 125 MHz, CMOS OUTPUT VCXO, CLOCK, 39.497 MHz, CMOS OUTPUT VCXO, CLOCK, 103.68 MHz, CMOS OUTPUT VCXO, CLOCK, 35.5 MHz, CMOS OUTPUT VCXO, CLOCK, 12.222 MHz, CMOS OUTPUT VCXO, CLOCK, 51.156 MHz, CMOS OUTPUT VCXO, CLOCK, 52.5 MHz, CMOS OUTPUT VCXO, CLOCK, 78 MHz, CMOS OUTPUT VCXO, CLOCK, 72 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 36.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42.4 MHz, CMOS OUTPUT VCXO, CLOCK, 112.5 MHz, CMOS OUTPUT VCXO, CLOCK, 115.2 MHz, CMOS OUTPUT VCXO, CLOCK, 127 MHz, CMOS OUTPUT VCXO, CLOCK, 116.64 MHz, CMOS OUTPUT VCXO, CLOCK, 110 MHz, CMOS OUTPUT VCXO, CLOCK, 16.61 MHz, CMOS OUTPUT VCXO, CLOCK, 50 MHz, CMOS OUTPUT VCXO, CLOCK, 10.24 MHz, CMOS OUTPUT VCXO, CLOCK, 114 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 100 MHz, CMOS OUTPUT VCXO, CLOCK, 20.516 MHz, CMOS OUTPUT VCXO, CLOCK, 128 MHz, CMOS OUTPUT VCXO, CLOCK, 12.5 MHz, CMOS OUTPUT VCXO, CLOCK, 21.71055 MHz, CMOS OUTPUT VCXO, CLOCK, 21.504 MHz, CMOS OUTPUT VCXO, CLOCK, 36.86 MHz, CMOS OUTPUT VCXO, CLOCK, 33.3 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 41.472 MHz, CMOS OUTPUT VCXO, CLOCK, 67.5 MHz, CMOS OUTPUT VCXO, CLOCK, 41.657 MHz, CMOS OUTPUT VCXO, CLOCK, 42.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42 MHz, CMOS OUTPUT VCXO, CLOCK, 47.404 MHz, CMOS OUTPUT VCXO, CLOCK, 47.197 MHz, CMOS OUTPUT VCXO, CLOCK, 47.40437 MHz, CMOS OUTPUT VCXO, CLOCK, 12.2725 MHz, CMOS OUTPUT VCXO, CLOCK, 28.8 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 28 MHz, CMOS OUTPUT VCXO, CLOCK, 120 MHz, CMOS OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS OUTPUT VCXO, CLOCK, 2 MHz, CMOS OUTPUT VCXO, CLOCK, 24.54 MHz, CMOS OUTPUT VCXO, CLOCK, 17.734 MHz, CMOS OUTPUT VCXO, CLOCK, 15.974 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
1-FHF-12M288 1-FHF-10M000 2-ANF-20M000 1-FHF-13M00 |
VCXO, CLOCK, 19.44 MHz, CMOS OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS OUTPUT VCXO, CLOCK, 13 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS OUTPUT VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 10 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT VCXO, CLOCK, 40 MHz, CMOS OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 65.536 MHz, CMOS OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS OUTPUT
|
VECTRON INTERNATIONAL
|
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
CDP1851 CDP1851C CDP1851CD CDP1851CDX CDP1851CE CD |
CMOS Programmable I/O Interface From old datasheet system CMOS Programmable I/O Interface(CMOS 可编程I/O接口) CMOS可编程I / O接口的CMOS(可编程的I / O接口 CMOS Programmable I/O Interface(CMOS ???绋?/O?ュ?)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
SM1120BDE SM1120BDS SM1120BDV SM1120BDW SM1120BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
UPD65321 UPD65322 UPD65323 UPD65941GB-XXX-YEU UPD6 |
Channel-less CMOS gate array employing 0.25 um technology (CMOS-10HD) Channelless type CMOS gate array using 0.35um process
|
NEC
|
HY628100A HY628100AG HY628100ALG HY628100ALLG HY62 |
128Kx8bit CMOS SRAM, standby current 1 mA, 70ns 128Kx8bit CMOS SRAM, standby current 1 mA, 55ns 128Kx8bit CMOS SRAM 128Kx8bit CMOS SRAM Circular Connector; No. of Contacts:3; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 128Kx8bit CMOS SRAM
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
MAX4664 MAX4664CPE MAX4664CSE MAX4664EPE MAX4664ES |
5? Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5з, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches 5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5 Ohm, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
E0C6S27 |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit,High Quality Display LCD Driver,Stepping-Motor Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路,高质量的LCD驱动器,步进电机驱动器))
|
爱普生(中国)有限公
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SAB-C509-LM SAF-C509-L SAFC509-L SAF-C509-LM Q6712 |
8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 16 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 DBMM25SN
|
Infineon Technologies A... SIEMENS AG Infineon Technologies AG
|
|